PART |
Description |
Maker |
APA1000-FLGGB APA150-FLGGB APA300-FLGGB APA1000-FL |
ProASIC Flash Family FPGAs ProASIC Flash Family FPGAs
|
Actel Corporation
|
W2412HD2 W2412HD3 W1209HD3 W1209HD2 W1209GD2 W1512 |
ProASIC Plus Flash FPGA 1.5M System Gates ProASIC DC to DC Converter DCDC转换 DC to DC Converter DC至DC转换 ProASIC Plus Flash FPGA 600K System Gates ProASIC DC至DC转换
|
Ricoh Co., Ltd. Electronic Theatre Controls, Inc. Orion Fans
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
ST62E65B ST62T60B ST62T63B ST62T65B ST62T81 ST62E4 |
Gang Programmers for ST62 MCU Family(ST62绯诲????绋??) Gang Programmers for ST62 MCU Family(ST62系列的编程器) 为ST62微控制器系列(ST62系列的编程器编程钢) EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
|
STMicroelectronics N.V. 意法半导 http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ATL35 |
The ATL35 series ASIC family is fabricated on a 0.35 micron CMOS process with up to four levels of metal. This family features arrays with up to 2.7 million routable gates and 976 pins. The high density and high pin count capabilities of t
|
Atmel
|
ST72XX-EMUX ST72EXX-EPB ST7MDTX-EMU2 |
Real-Time Development Tools for the ST7 MCU Family(ST7系列的实时开发工 EPROM Programming Boards for the ST7 MCU Family(ST7系列EPROM编程
|
意法半导
|
ST62T20 ST62T25 ST62T28 ST62T52 ST62T53 ST62T55 ST |
EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 32Mb CellularRAM EPROM编程议会部件的ST62家庭 EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY EPROM编程议会讨论ST62单片机系 EPROM PROGRAMMING BOARDS DATASHEET FOR ST62 FAMILY EPROM编程议会部件的ST62家庭
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 Microchip Technology, Inc. STMicroelectronics N.V.
|
EP20K100EQ EP20K100QC EP20K100EQC240-2 |
Apex 20KE Device Family (1.8V, LVDS Apex 20K Device Family (2.5V)
|
ALTERA
|
XC17S50XLSO20C XC17S10XLPD8C XC17S10XLVOG8C XC17S1 |
SERIAL PROM FOR 5000 SYSTEM GATE LOGIC C SPECIALTY MEMORY CIRCUIT, PDIP8 Spartan/XL Family One-Time Programmable Configuration PROMs Spartan/XL Family One-Time Programmable
|
Xilinx, Inc.
|
MSP3411G MSP3421G MSP3441G |
Multistandard Sound Processor Family with Virtual Dolby Surround (MSP34x1G) Multistandard Sound Processor Family
|
http:// Micronas
|
LT1460HCS3-10 LT1460HCS3-2.5 LT1460HCS3-3 LT1460HC |
Family of Micropower Series References in SOT-23 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 Family of Micropower Series References in SOT-23 家庭的微系列参考采用SOT - 23
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|